データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F732IEI7 データシート(PDF) 13 Page - STMicroelectronics

部品番号 STM32F732IEI7
部品情報  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732IEI7 データシート(HTML) 13 Page - STMicroelectronics

Back Button STM32F732IEI7 Datasheet HTML 9Page - STMicroelectronics STM32F732IEI7 Datasheet HTML 10Page - STMicroelectronics STM32F732IEI7 Datasheet HTML 11Page - STMicroelectronics STM32F732IEI7 Datasheet HTML 12Page - STMicroelectronics STM32F732IEI7 Datasheet HTML 13Page - STMicroelectronics STM32F732IEI7 Datasheet HTML 14Page - STMicroelectronics STM32F732IEI7 Datasheet HTML 15Page - STMicroelectronics STM32F732IEI7 Datasheet HTML 16Page - STMicroelectronics STM32F732IEI7 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
DocID028480 Rev 1
13/122
STM32F732xx STM32F733xx
Description
44
Figure 2. Compatible board design for LQFP64 package
The STM32F732xx LQFP144, UFBGA176 and LQFP176 packages are fully pin to pin
compatible with the STM32F4xx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More