| データシートサーチシステム |
|
79L09ACF データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
79L09ACF データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 7 page ![]() PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia Ph./Fax: +7–816–2231736 E-mail: planeta@novgorod.net © August 2001 Rev 1 http://www.novgorod.net/~planeta PLANETA The Linear IC's Three-Terminal Low Current Negative Voltage Regulators DESCRIPTION The 79L00A Series of three terminal negative voltage regulators is available with several fixed output voltages making them useful in a wide range of applications. These regulators are inexpensive, vise-to-use devices suitable for a multitude of applications that require a regulated supply of up to 100 mA. These regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No external components are required with the 79L00A devices in many applications. These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as output impedance and quiescent current are substantionally reduced. The voltages available allow the 79L00A to be used in logic systems, instrumentation, HiFi, and other solid state electronic equipment. The 79L00A is available in 3-Pin plastic package SOT54 (Z), 3-Pin mini power plastic package SOT89 (F) and the 8-Pin plastic package SO8 (D) offers superior quality and performance at low cost. FEATURES Ø High Output Current I O= 100 mA Ø Fixed Output Voltage V O= -5 V, -6 V, -8 V, -12 V, -15 V Ø Complementary Positive Regulators 78L00A Series Ø Available in either ±5% (AC) Selection DEVICE TYPE / NOMINAL VOLTAGE Package 5% Output Voltage Accuracy Voltage Z Suffix F Suffix D Suffix 79L05AC -5 79L05ACZ 79L05ACF 79L05ACD 79L06AC -6 79L06ACZ 79L06ACF 79L06ACD 79L08AC -8 79L08ACZ 79L08ACF 79L08ACD 79L09AC -9 79L09ACZ 79L09ACF 79L09ACD 79L12AC -12 79L12ACZ 79L12ACF 79L12ACD 79L15AC -15 79L15ACZ 79L15ACF 79L15ACD 79L00A Series SOT54 JEDEC TO-92 EIAJ SC-43 GOST KT-26 Weight: 0.3g 1 – Common 2 – Input 3 – Output 3 2 1 SOT89 JEDEC TO-243 EIAJ SC-62 GOST KT-47 Weight: 0.055g 1 2 3 1 – Common 2 – Input 3 – Output 2 SOT96-1 JEDEC MS-012 EIAJ – GOST 4303.8-1 Weight: 0.08 ã 1 4 5 1 – Output, 2 – Input, 3 – Input, 4 – No Connect, 5 – Common, 6 – Input, 7 – Input, 8 – No Connect |
同様の部品番号 - 79L09ACF |
|
同様の説明 - 79L09ACF |