| データシートサーチシステム |
|
STM32F779AGK7 データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779AGK7 データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 255 page ![]() Description STM32F777xx STM32F778Ax STM32F779xx 18/255 DocID028294 Rev 4 1.1 Full compatibility throughout the family The STM32F777xx, STM32F778Ax and STM32F779xx devices are fully pin-to-pin, compatible with the STM32F4xxxx devices, allowing the user to try different peripherals, and reaching higher performances (higher frequency) for a greater degree of freedom during the development cycle. Figure 1 gives compatible board designs between the STM32F7xx and STM32F4xx families. Figure 1. Compatible board design for LQFP100 package The STM32F77x LQFP144, LQFP176, LQFP208, TFBGA216, UFBGA176 packages are fully pin to pin compatible with STM32F4xx devices. |