| データシートサーチシステム |
|
STM32F779IIK7 データシート(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IIK7 データシート(HTML) 84 Page - STMicroelectronics |
|
84 / 255 page ![]() Pinouts and pin description STM32F777xx STM32F778Ax STM32F779xx 84/255 DocID028294 Rev 4 - 128 A8 156 182 B3 C7 156 182 B3 PG13 I/O FT - TRACED0, LPTIM1_OUT, SPI6_SCK, USART6_CTS, ETH_MII_TXD0/ETH_RMII _TXD0, FMC_A24, LCD_R0, EVENTOUT - - 129 A7 157 183 A4 NC 157 183 A4 PG14 I/O FT - TRACED1, LPTIM1_ETR, SPI6_MOSI, USART6_TX, QUADSPI_BK2_IO3, ETH_MII_TXD1/ETH_RMII _TXD1, FMC_A25, LCD_B0, EVENTOUT - - 130 D7 158 184 F7 A8 158 184 F7 VSS S - - - - - 131 C7 159 185 E8 B8 159 185 E8 VDD S - - - - - - - - 186 D8 NC - 186 D8 PK3 I/O FT - LCD_B4, EVENTOUT - - - - - 187 D7 NC - 187 D7 PK4 I/O FT - LCD_B5, EVENTOUT - - - - - 188 C6 NC - 188 C6 PK5 I/O FT - LCD_B6, EVENTOUT - - - - - 189 C5 NC - 189 C5 PK6 I/O FT - LCD_B7, EVENTOUT - - - - - 190 C4 NC - 190 C4 PK7 I/O FT - LCD_DE, EVENTOUT - - 132 B7 160 191 B7 F9 160 191 B7 PG15 I/O FT - USART6_CTS, FMC_SDNCAS, DCMI_D13, EVENTOUT - 89 133 A10 161 192 A10 E8 161 192 A10 PB3 (JTDO/ TRACES WO) I/O FT - JTDO/TRACESWO, TIM2_CH2, SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, SPI6_SCK, SDMMC2_D2, CAN3_RX, UART7_RX, EVENTOUT - 90 134 A9 162 193 A9 D8 162 193 A9 PB4(NJT RST) I/O FT - NJTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, SPI2_NSS/I2S2_WS, SPI6_MISO, SDMMC2_D3, CAN3_TX, UART7_TX, EVENTOUT - Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |