データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F779IGH7 データシート(PDF) 95 Page - STMicroelectronics

部品番号 STM32F779IGH7
部品情報  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IGH7 データシート(HTML) 95 Page - STMicroelectronics

Back Button STM32F779IGH7 Datasheet HTML 91Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 92Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 93Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 94Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 95Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 96Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 97Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 98Page - STMicroelectronics STM32F779IGH7 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 255 page
background image
Port C
PC0
-
-
-
DFSDM1_
CKIN0
--
DFSDM1
_DATIN4
-
SAI2_FS
_B
-
OTG_HS_
ULPI_ST
P
-
FMC_SD
NWE
-
LCD_R5
EVEN
TOUT
PC1
TRACED
0
--
DFSDM1_
DATAIN0
-
SPI2_M
OSI/I2S2
_SD
SAI1_SD
_A
---
DFSDM1_
CKIN4
ETH_MD
C
MDIOS_
MDC
--
EVEN
TOUT
PC2
-
-
-
DFSDM1_
CKIN1
-
SPI2_MI
SO
DFSDM1
_CKOUT
---
OTG_HS_
ULPI_DIR
ETH_MII_
TXD2
FMC_SD
NE0
--
EVEN
TOUT
PC3
-
-
-
DFSDM1_
DATAIN1
-
SPI2_M
OSI/I2S2
_SD
-
---
OTG_HS_
ULPI_NX
T
ETH_MII_
TX_CLK
FMC_SD
CKE0
--
EVEN
TOUT
PC4
-
-
-
DFSDM1_
CKIN2
-
I2S1_M
CK
--
SPDIF_R
X2
--
ETH_MII_
RXD0/ET
H_RMII_
RXD0
FMC_SD
NE0
--
EVEN
TOUT
PC5
-
-
-
DFSDM1_
DATAIN2
--
-
-
SPDIF_R
X3
--
ETH_MII_
RXD1/ET
H_RMII_
RXD1
FMC_SD
CKE0
--
EVEN
TOUT
PC6
-
-
TIM3_C
H1
TIM8_CH
1
-
I2S2_M
CK
-
DFSDM1
_CKIN3
USART6
_TX
FMC_NW
AIT
SDMMC2
_D6
-
SDMMC
_D6
DCMI_D
0
LCD_HS
YNC
EVEN
TOUT
PC7
-
-
TIM3_C
H2
TIM8_
CH2
--
I2S3_M
CK
DFSDM1
_DATAIN
3
USART6
_RX
FMC_NE
1
SDMMC2
_D7
-
SDMMC
_D7
DCMI_D
1
LCD_G6
EVEN
TOUT
PC8
TRACED
1
-
TIM3_C
H3
TIM8_
CH3
--
-
UART5_
RTS
USART6
_CK
FMC_NE
2/FMC_N
CE
--
SDMMC
_D0
DCMI_D
2
-
EVEN
TOUT
PC9
MCO2
-
TIM3_C
H4
TIM8_
CH4
I2C3_SD
A
I2S_CKI
N
-
UART5_
CTS
-
QUADSP
I_BK1_IO
0
LCD_G3
-
SDMMC
_D1
DCMI_D
3
LCD_B2
EVEN
TOUT
PC10
-
-
-
DFSDM1_
CKIN5
--
SPI3_SC
K/I2S3_
CK
USART3
_TX
UART4_T
X
QUADSP
I_BK1_IO
1
--
SDMMC
_D2
DCMI_D
8
LCD_R2
EVEN
TOUT
Table 12. STM32F777xx, STM32F778Ax and STM32F779xx alternate
function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More