| データシートサーチシステム |
|
ADF4210 データシート(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4210 データシート(HTML) 13 Page - Analog Devices |
|
13 / 20 page ![]() REV. A ADF4210/ADF4211/ADF4212/ADF4213 –13– Table IV. IF N Counter Latch Map B12 B11 B10 B3 B2 B1 B COUNTER DIVIDE RATIO 000.......... 0113 000.......... 1004 ............. .... ............. .... ............. .... 1 1 1 .......... 1 0 0 4092 1 1 1 .......... 1 0 1 4093 1 1 1 .......... 1 1 0 4094 1 1 1 .......... 1 1 1 4095 0 0 .......... 0 1 1 0 0 .......... 1 0 2 0 0 .......... 1 1 3 0 0 .......... 0 0 4 . . .......... . . . . . .......... . . . . . .......... . . . 1 1 .......... 0 0 60 1 1 .......... 0 1 61 1 1 .......... 1 0 62 1 1 .......... 1 1 63 N = BP + A, P IS PRESCALER VALUE SET IN THE FUNCTION LATCH. B MUST BE GREATER THAN OR EQUAL TO A. FOR CONTIGUOUS VALUES OF N FREF, NMIN is (P 2 – P). 0 0 8/9 0 1 16/17 1 0 32/33 1 1 64/65 0 DISABLE 1 ENABLE DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (0) C1 (1) A1 A2 A3 A4 A5 A6 B12 P5 CONTROL BITS 12-BIT B COUNTER DB21 IF N COUNTER LATCH DB23 DB22 IF PRESCALER P6 P7 P8 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 6-BIT A COUNTER 0 DISABLE 1 ENABLE P6 P5 IF PRESCALER P7 IF POWER-DOWN A6 A5 .......... A2 A1 A COUNTER DIVIDE RATIO P8 IF CP GAIN |