データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CLL03 データシート(PDF) 62 Page - Cree, Inc

部品番号 CLL03
部品情報  Winnie series
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CLL03 データシート(HTML) 62 Page - Cree, Inc

Back Button CLL03 Datasheet HTML 54Page - Cree, Inc CLL03 Datasheet HTML 55Page - Cree, Inc CLL03 Datasheet HTML 56Page - Cree, Inc CLL03 Datasheet HTML 57Page - Cree, Inc CLL03 Datasheet HTML 58Page - Cree, Inc CLL03 Datasheet HTML 59Page - Cree, Inc CLL03 Datasheet HTML 60Page - Cree, Inc CLL03 Datasheet HTML 61Page - Cree, Inc CLL03 Datasheet HTML 62Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 62 / 62 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62