データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS62050DGS データシート(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS62050DGS
部品情報  800-mA Synchronous Step-Down Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62050DGS データシート(HTML) 12 Page - Texas Instruments

Back Button TPS62050DGS Datasheet HTML 8Page - Texas Instruments TPS62050DGS Datasheet HTML 9Page - Texas Instruments TPS62050DGS Datasheet HTML 10Page - Texas Instruments TPS62050DGS Datasheet HTML 11Page - Texas Instruments TPS62050DGS Datasheet HTML 12Page - Texas Instruments TPS62050DGS Datasheet HTML 13Page - Texas Instruments TPS62050DGS Datasheet HTML 14Page - Texas Instruments TPS62050DGS Datasheet HTML 15Page - Texas Instruments TPS62050DGS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
PGND
FB
PG
VIN
8
LBO
GND
SYNC
EN
LBI
TPS62050
SW
1
6
7
3
2
9
5
4
10
L1 = 10 mH
VO = 5 V
R1 =
820 kW
C(ff) = 6.8 pF
R2 = 91 kW
Co = 22 mF
Ci = 10 mF
VI
R5
130 kW
R6
100 kW
R3
1 M
R4
1 M
TDK
C3216X5R1A106M
Taiyo Yuden
JMK316BJ226ML
WE PD 744 777 10
Quiescent Current Measurements and Efficiency Were Taken
With: R5 = Open, R4 = Open, LBI Connected to GND.
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TPS6205x family of devices are high-efficiency synchronous step-down DC-DC converters ideally suited for
systems powered from a 1-cell or 2-cell Li-Ion battery or from a 3-cell to 5-cell NiCd, NiMH, or alkaline battery.
10.2 Typical Applications
10.2.1 Standard Circuit for Adjustable Version
Figure 6. Standard Circuit for Adjustable Version
10.2.1.1 Design Requirements
The design guidelines provide a component selection to operate the adjustable device within the Recommended
Operating Conditions.
Table 1. Bill of Materials for Adjustable Version
REFERENCE
PART NUMBER
VALUE
MANUFACTURER
Ci
C3216X5R1A106M
10 µF
TDK
Co
JMK316BJ226ML
22 µF
Taiyo Yuden
L1
WE PD 74477710
10 µH
Wurth
IC1
TPS62050
-
Texas Instruments
generic metal film resistor;
820 k
Ω (depending on desired
R1
—
tolerance 1%
output voltage)
generic metal film resistor;
91 k
Ω (depending on desired
R2
—
tolerance 1%
output voltage)
generic metal film resistor;
R3, R4
1 M
Ω
—
tolerance 1%
generic metal film resistor;
R5
130 k
Ω
—
tolerance 1%
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30