| データシートサーチシステム |
|
FS20 データシート(PDF) 1 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
FS20 データシート(HTML) 1 Page - TE Connectivity Ltd |
|
1 / 4 page ![]() SENSOR SOLUTIONS /// FS20 8/2016 Page 1 FEATURES Small Size Low Noise Robust: High Over-Range Capability High Reliability Low Deflection Essentially Unlimited Cycle Life Expectancy Low Off Center Errors Fast Response Time Industry Standard Packaging 500 to 3000 Grams-Force Range Reverse Polarity Protected APPLICATIONS Robotics End-Effectors Variable Force Control Load and Compression Sensing Pumps Contact Sensing Weighing Household Appliances FS20 Low Force Compression Load Cell SPECIFICATIONS 500 to 3000 Grams-Force High Level Output Interchangeable Industry Standard Packaging CE Compliance The FS20 is a low compression force sensor that creates new markets previously unrealizable due to cost and performance constraints. The FS20 offers normalized zero and span for interchangeability and is thermally compensated for changes in zero and span with respect to temperature. The FS20 incorporates TE’s proprietary Microfused technology which employs micromachined silicon piezoresistive strain gages fused with high temperature glass to a high performance stainless steel substrate. Microfused technology eliminates age-sensitive organic epoxies used in traditional load cell designs providing excellent long term span and zero stability. The FS20 measures direct force and is therefore not subject to lead- die fatigue failure common with competitive designs which use a pressure capsule embedded within a silicone gel- filled cavity. Operating at very low strains, Microfused technology provides an essentially unlimited cycle life expectancy, superior resolution, and high over-range capabilities. The FS20 brings your OEM product to life whether you need thousands or millions of load cells annually. Although the standard model is ideal for a wide range of applications, our dedicated design team at our Load Cell Engineering Center is ready to provide you with custom designs for your OEM applications. Please refer to the FC22 and FC23 for higher force applications. |
同様の部品番号 - FS20 |
|
同様の説明 - FS20 |