データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DEV-13674 データシート(PDF) 13 Page - SparkFun Electronics

部品番号 DEV-13674
部品情報  Photon Weather Shield Hookup Guide V11
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPARKFUN [SparkFun Electronics]
ホームページ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13674 データシート(HTML) 13 Page - SparkFun Electronics

Back Button DEV-13674 Datasheet HTML 7Page - SparkFun Electronics DEV-13674 Datasheet HTML 8Page - SparkFun Electronics DEV-13674 Datasheet HTML 9Page - SparkFun Electronics DEV-13674 Datasheet HTML 10Page - SparkFun Electronics DEV-13674 Datasheet HTML 11Page - SparkFun Electronics DEV-13674 Datasheet HTML 12Page - SparkFun Electronics DEV-13674 Datasheet HTML 13Page - SparkFun Electronics DEV-13674 Datasheet HTML 14Page - SparkFun Electronics DEV-13674 Datasheet HTML 15Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
We now need to select the device to which to upload code. Clcik the
devices icon in the IDE.
If you have just one Photon claimed, it will be the only device to choose
from. If you have more than one Photon, you will need to select the star
next to the device you want to program.
With the example open, click the verify button to make sure the code
compiles correctly.
Once verified, click the upload button to program the Photon.
You should see the Photon’s RGB LED blink magenta for a few seconds
indicating it’s being programmed.
Firmware Updates: If this is the first time you've uploaded code to
this Photon or if you haven't used this Photon in awhile, it may go
through an automatic firmware update. These typically take less than
a minute and are indicated by the RGB LED blinking magenta very
sporadically. Once complete, your firmware should be uploaded. If
your device has any issues during or after the update, hit reset on the
Photon, and try again.
Once your code is uploaded, the RGB LED should go back to breathing
cyan to indicate it’s connected and running.
Now, open your favorite serial terminal program. Connect to the Photon at
9600 baud, and open a terminal.
Page 13 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15