データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5533-AS データシート(PDF) 22 Page - Cirrus Logic

部品番号 CS5533-AS
部品情報  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5533-AS データシート(HTML) 22 Page - Cirrus Logic

Back Button CS5533-AS Datasheet HTML 18Page - Cirrus Logic CS5533-AS Datasheet HTML 19Page - Cirrus Logic CS5533-AS Datasheet HTML 20Page - Cirrus Logic CS5533-AS Datasheet HTML 21Page - Cirrus Logic CS5533-AS Datasheet HTML 22Page - Cirrus Logic CS5533-AS Datasheet HTML 23Page - Cirrus Logic CS5533-AS Datasheet HTML 24Page - Cirrus Logic CS5533-AS Datasheet HTML 25Page - Cirrus Logic CS5533-AS Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
CS5531/32/33/34
22
DS289PP5
PERFORM CONVERSION
Function:
These commands instruct the ADC to perform either a single, fully-settled conversion or con-
tinuous conversions on the physical input channel pointed to by the pointer bits (CSRP2 -
CRSP0) in the channel-setup register.
MC (Multiple Conversions)
0
Perform a single conversion.
1
Perform continuous conversions.
CSRP [2:0] (Channel Setup Register Pointer Bits)
000
Setup 1 (All devices)
001
Setup 2 (All devices)
010
Setup 3 (All devices)
011
Setup 4 (All devices)
100
Setup 5 (All devices)
101
Setup 6 (All devices)
110
Setup 7 (All devices)
111
Setup 8 (All devices)
D7(MSB)
D6D5D4D3D2D1D0
1
MC
CSRP2
CSRP1
CSRP0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52