| データシートサーチシステム |
|
DP8405 データシート(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8405 データシート(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 18 page ![]() TABLE VII DP8402A DP8403 Diagnostic Function DB BYTE DB OUTPUT CB ERROR FLAGS EDAC FUNCTION CONTROL DATA IO CONTROL LATCH CHECK IO CONTROL ERR MERR S1 S0 OEBn LEDBO OECB Read flag H L Input correct HX Input correct HH H data word check bits Latch input check Input Input word while data L H diagnostic H L check bits H Enabled input latch remains data word latched transparent Latch diagnostic Input Output latched L data word into L H diagnostic H H check bits Enabled output latch data word Hi-Z H Latch diagnostic Input Output data word into H H diagnostic H H syndrome L Enabled input latch data word bits latched Hi-Z H Output Output diagnostic Output syndrome L data word H H diagnostic L H bits Enabled syndrome bits data word Hi-Z H Output corrected Output Output diagnostic data HH corrected LL syndrome L Enabled word output diagnostic bits syndrome bits data word Hi-Z H Diagnostic data is a data word with an error in one bit location except when testing the MERR error flag In this case the diagnostic data word will contain errors in two bit locations TABLE VIII DP8404 DP8405 Diagnostic Function EDAC FUNCTION CONTROL DATA IO DB CONTROL CHECK IO DB CONTROL ERROR FLAGS S1 S0 OEDB OECB ERR MERR Read flag H L Input correct H Input correct HH H data word check bits Latch input check Input Input bits while data L H diagnostic H check bits H Enabled input latch remains data word latched transparent Input Output input L H diagnostic H Output input L Enabled check bits data word check bits Latch diagnostic Input Output L data into H H diagnostic H syndrome bits Enabled input latch data word Hi-Z H latched Output corrected Output corrected Output L diagnostic H H diagnostic L syndrome bits Enabled data word data word Hi-Z H Diagnostic data is a data word with an error in one bit location except when testing the MERR error flag In this case the diagnostic data word will contain errors in two bit locations 7 |