| データシートサーチシステム |
|
SS22F データシート(PDF) 2 Page - Nanjing International Group Co |
|
|
|||||||||||||||||||||||||||||
SS22F データシート(HTML) 2 Page - Nanjing International Group Co |
|
2 / 2 page ![]() 0.1 1.0 .01 10 50 RATING AND CHARACTERISTIC CURVES (SS22F THRU SS220F) FIG.2-TYPICAL FORWARD CHARACTERISTICS FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT FIG.4-TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE,(V) FORWARD VOLTAGE,(V) Pulse Width 300us 1% Duty Cycle 0.4 0.8 1.2 1.6 2.0 2.4 0 20 40 60 80 100 120 140 160 180 200 0 350 300 250 200 150 100 50 0 24 12 36 6 0 48 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 AMBIENT TEMPERATURE ( C) .1 1.0 10 100 FIG.5 - TYPICAL REVERSE CHARACTERISTICS PERCENTAGE RATED PEAK REVERSE VOLTAGE 0 20 40 60 80 100 120 140 .01 Tj=75 C SS 26F ~S S22 0F SS 22F ~S S24 F Tj=25 C Tj=25 C NUMBER OF CYCLES AT 60Hz 1 10 5 50 100 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method |