| データシートサーチシステム |
|
GL8HD26 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL8HD26 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() 118 (Notice) ¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. (Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/) LED Lamp Characteristics Diagrams Note)Characteristics shown in diagrams are typical values. (not assurance value) PR series HD series 0 10 20 30 40 50 60 -25 0 25 50 75 85 125 100 Peak Forward Current Derating Curve Ambient temperature Ta(˚C) 0 10 20 30 40 50 60 -25 0 25 50 75 85 125 100 Forward Current Derating Curve Ambient temperature Ta(˚C) 0.1 0.5 1.0 5.0 10 50 100 1.0 1.2 1.4 1.6 1.8 2.0 2.4 2.6 2.2 Forward Current vs. Forward Voltage(Note) Forward voltage VF(V) (Ta=25˚C) 1.0 5.0 10 50 100 500 1000 -20 0 20 40 60 80 120 100 Luminous Intensity vs. Ambient Temperature(Note) Ambient temperature Ta(˚C) (Ta=25˚C) 1.0 5.0 2.0 10 20 50 100 200 500 1000 0.1 0.2 0.5 1 2 5 10 20 50 Luminous Intensity vs. Forward Current(Note) Forward current IF(mA) (Ta=25˚C) 1.0 5.0 2.0 10 20 50 100 200 500 1/50 1/20 1/10 1/5 1/2 1 Duty Ratio vs. Peak Forward Current Duty ratio DR (Ta=25˚C) 0 10 20 30 40 50 60 -25 0 25 50 75 85 125 100 Peak Forward Current Derating Curve Ambient temperature Ta(˚C) 0 10 20 30 40 50 60 -25 0 25 50 75 85 125 100 Forward Current Derating Curve Ambient temperature Ta(˚C) 0.1 0.5 1.0 5.0 10 50 100 1.0 1.2 1.4 1.6 1.8 2.0 2.4 2.6 2.2 Forward Current vs. Forward Voltage(Note) Forward voltage VF(V) (Ta=25˚C) 1.0 5.0 10 50 100 500 1000 -20 0 20 40 60 80 120 100 Luminous Intensity vs. Ambient Temperature(Note) Ambient temperature Ta(˚C) (Ta=25˚C) 1.0 5.0 2.0 10 20 50 100 200 500 1000 0.1 0.2 0.5 1 2 5 10 20 50 Luminous Intensity vs. Forward Current(Note) Forward current IF(mA) (Ta=25˚C) 1.0 5.0 2.0 10 20 50 100 200 500 1/50 1/20 1/10 1/5 1/2 1 Duty Ratio vs. Peak Forward Current Duty ratio DR (Ta=25˚C) |