| データシートサーチシステム |
|
HPC16003 データシート(PDF) 33 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HPC16003 データシート(HTML) 33 Page - National Semiconductor (TI) |
|
33 / 36 page ![]() Development Support (Continued) Voice (408) 721-5582 Modem (408) 739-1162 Baud 300 or 1200 Baud Set-Up Length 8-bit Parity None Stop Bit 1 Operation 24 hrs 7 days DIAL-A-HELPER TLDD8801 – 32 Part Selection The HPC family includes devices with many different options and configurations to meet various application needs The number HPC16083 has been generically used throughout this datasheet to represent the whole family of parts The following chart explains how to order various options available when ordering HPC family members Note All options may not currently be available TLDD8801 – 31 FIGURE 30 HPC Family Part Numbering Scheme Examples HPC46003V20 ROMless Commercial temp (0 Cto70 C) PLCC HPC16083XXXU20 8k masked ROM Military temp (b55 Cto a125 C) PGA HPC26083XXXV20 8k masked ROM Automotive temp (b40 Cto a105 C) PLCC 33 |