| データシートサーチシステム |
|
AS4C8M16D1 データシート(PDF) 21 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C8M16D1 データシート(HTML) 21 Page - Alliance Semiconductor Corporation |
|
21 / 64 page ![]() AS4C8M16D1 Alliance Memory Inc. Confidential 21 Rev. 1.1 Feb. /2009 Consecutive Read Bursts Required CAS Latencies (CL=3) DO o CK CK COMMAND READ NOP READ NOP NOP NOP Bank, Col n ADDRESS DQS DQ CL=3 Don’t Care Bank, Col o DO n (or o)=Data Out from column n (or column o) Burst Length=4 or 8 (if 4, the bursts are concatenated; if 8, the second burst interrupts the first) 3 subsequent elements of Data Out appear in the programmed order following DO n 3 (or 7) subsequent elements of Data Out appear in the programmed order following DO o Read commands shown must be to the same device DO n |