| データシートサーチシステム |
|
ATS692LSH データシート(PDF) 11 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS692LSH データシート(HTML) 11 Page - Allegro MicroSystems |
|
11 / 12 page ![]() Two-Wire, Differential, Vibration Resistant Sensor IC with Speed and Direction Output ATS692LSH(RSNPH) 11 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Package SH, 4-Pin SIP 0.71±0.05 5.00±0.10 4.00±0.10 1.00±0.10 0.60±0.10 24.65±0.10 13.10±0.10 1.0 REF 0.71±0.10 0.71±0.10 1.60±0.10 1.27±0.10 5.50±0.10 5.50±0.05 8.00±0.05 5.80±0.05 1.70±0.10 24 3 1 A A B D For Reference Only, not for tooling use (reference DWG-9003) Dimensions in millimeters A B C C D Dambar removal protrusion (16X) Metallic protrusion, electrically connected to pin 4 and substrate (both sides) Thermoplastic Molded Lead Bar for alignment during shipment Active Area Depth 0.43 mm REF Branded Face Standard Branding Reference View = Supplier emblem L = Lot identifier N = Last three numbers of device part number Y = Last two digits of year of manufacture W = Week of manufacture LLLLLLL YYWW NNN Branding scale and appearance at supplier discretion 0.38 +0.06 –0.04 E F F F E E2 E3 E1 1.75 1.75 Hall elements (E1, E2, E3); not to scale |