| データシートサーチシステム |
|
ATS693LSG データシート(PDF) 12 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS693LSG データシート(HTML) 12 Page - Allegro MicroSystems |
|
12 / 15 page ![]() Three-Wire, Differential, Vibration Resistant Sensor IC with Speed and Direction Output ATS693LSG 12 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Figure 8: Output Functionality in the Presence of Running Mode Target Vibration Target Differential Magnetic Profile Normal Target Rotation Vibration Normal Target Rotation tW(FWD) [ or tW(REV) ] tW(FWD) tW(FWD) Tooth Valley Vibration Detection Algorithms embedded in the IC digital controller detect the presence of target vibration through analysis of the two magnetic input channels. In the presence of vibration, the output is blanked and no output pulses will occur for vibrations less than the specified vibration immunity. Output pulses containing the proper direction infor- mation will resume when direction information is validated on constant target rotation. |