| データシートサーチシステム |
|
9SQL4954BNLGI データシート(PDF) 11 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
9SQL4954BNLGI データシート(HTML) 11 Page - Integrated Device Technology |
|
11 / 20 page ![]() DECEMBER 12, 2016 11 4-OUTPUT CK420BQ DERIVATIVE 9SQL4954 DATASHEET General SMBus Serial Interface Information How to Write • Controller (host) sends a start bit • Controller (host) sends the write address • IDT clock will acknowledge • Controller (host) sends the beginning byte location = N • IDT clock will acknowledge • Controller (host) sends the byte count = X • IDT clock will acknowledge • Controller (host) starts sending Byte N through Byte N+X-1 • IDT clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit Note: SMBus Read/Write Address is Latched on SADR pin. How to Read • Controller (host) will send a start bit • Controller (host) sends the write address • IDT clock will acknowledge • Controller (host) sends the beginning byte location = N • IDT clock will acknowledge • Controller (host) will send a separate start bit • Controller (host) sends the read address • IDT clock will acknowledge • IDT clock will send the data byte count = X • IDT clock sends Byte N+X-1 • IDT clock sends Byte 0 through Byte X (if X(H) was written to Byte 8) • Controller (host) will need to acknowledge each byte • Controller (host) will send a not acknowledge bit • Controller (host) will send a stop bit Index Block Write Operation Controller (Host) IDT (Slave/Receiver) TstarT bit Slave Address WR WRite ACK Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK O O O O O O Byte N + X - 1 ACK PstoP bit Index Block Read Operation Controller (Host) IDT (Slave/Receiver) TstarT bit Slave Address WR WRite ACK Beginning Byte = N ACK RT Repeat starT Slave Address RD ReaD ACK Data Byte Count=X ACK Beginning Byte N ACK O O O O O O Byte N + X - 1 N Not acknowledge PstoP bit |