データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCF4060 データシート(PDF) 12 Page - STMicroelectronics

部品番号 HCF4060
部品情報  14-stage ripple carry binary counter/divider and oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060 データシート(HTML) 12 Page - STMicroelectronics

Back Button HCF4060 Datasheet HTML 7Page - STMicroelectronics HCF4060 Datasheet HTML 8Page - STMicroelectronics HCF4060 Datasheet HTML 9Page - STMicroelectronics HCF4060 Datasheet HTML 10Page - STMicroelectronics HCF4060 Datasheet HTML 11Page - STMicroelectronics HCF4060 Datasheet HTML 12Page - STMicroelectronics HCF4060 Datasheet HTML 13Page - STMicroelectronics HCF4060 Datasheet HTML 14Page - STMicroelectronics HCF4060 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
HCF4060
12/15
DocID2055 Rev 6
4.1
PDIP16 (0.25) package information
Figure 8. PDIP16 (0.25) package mechanical drawing
Table 7. PDIP16 (0.25) package mechanical data
Symbol
Dimensions
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15