データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M34E02-F データシート(PDF) 35 Page - STMicroelectronics

部品番号 M34E02-F
部品情報  Backward compatible with the M34C02
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-F データシート(HTML) 35 Page - STMicroelectronics

Back Button M34E02-F Datasheet HTML 28Page - STMicroelectronics M34E02-F Datasheet HTML 29Page - STMicroelectronics M34E02-F Datasheet HTML 30Page - STMicroelectronics M34E02-F Datasheet HTML 31Page - STMicroelectronics M34E02-F Datasheet HTML 32Page - STMicroelectronics M34E02-F Datasheet HTML 33Page - STMicroelectronics M34E02-F Datasheet HTML 34Page - STMicroelectronics M34E02-F Datasheet HTML 35Page - STMicroelectronics M34E02-F Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
DocID10367 Rev 14
35/36
M34E02-F
Revision history
18-Feb-2013
13
Specified ICC1 (Standby supply current) with three different values of VCC
(5.5 V, 2.5 V and 1.8 V) in Table 13: DC characteristics (for temperature
range 6 devices).
Replaced “DDR1/DDR2” with “DDR1/DDR2/DDR3” throughout the
document.
14-May-2013
14
Document reformatted.
Updated:
– Figure 4: Maximum RP value versus bus parasitic capacitance (C) for
an I2C bus
– Order code and operating voltage information in Table 17: Ordering
information scheme
Table 18. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36