データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M950X0-W データシート(PDF) 12 Page - STMicroelectronics

部品番号 M950X0-W
部品情報  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M950X0-W データシート(HTML) 12 Page - STMicroelectronics

Back Button M950X0-W Datasheet HTML 8Page - STMicroelectronics M950X0-W Datasheet HTML 9Page - STMicroelectronics M950X0-W Datasheet HTML 10Page - STMicroelectronics M950X0-W Datasheet HTML 11Page - STMicroelectronics M950X0-W Datasheet HTML 12Page - STMicroelectronics M950X0-W Datasheet HTML 13Page - STMicroelectronics M950X0-W Datasheet HTML 14Page - STMicroelectronics M950X0-W Datasheet HTML 15Page - STMicroelectronics M950X0-W Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Connecting to the SPI bus
M950x0-W M950x0-R M950x0-DF
12/46
DocID6512 Rev 13
3.1
SPI modes
The device can be driven by a microcontroller with its SPI peripheral running in either of the
following modes:
•
CPOL=0, CPHA=0
•
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 4: SPI modes supported, is the
clock polarity when the bus master is in Stand-by mode and not transferring data:
•
C remains at 0 for (CPOL=0, CPHA=0)
•
C remains at 1 for (CPOL=1, CPHA=1)
Figure 4. SPI modes supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46