| データシートサーチシステム |
|
M95320-DF データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-DF データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 43 page ![]() DocID022938 Rev 8 37/43 M95320-A125 M95320-A145 Package mechanical data 42 Figure 22. SO8N – 8-lead plastic small outline, 150 mils body width, package recommended footprint 1. Dimensions are expressed in millimeters. L1 - 1.040 - - 0.0409 - ccc - - 0.100 - - 0.0039 1. Values in inches are converted from mm and rounded to four decimal digits. Table 16. SO8N – 8-lead plastic small outline, 150 mils body width, package mechanical data (continued) Symbol millimeters inches(1) Min. Typ. Max. Min. Typ. Max. |