データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STHDLS101A データシート(PDF) 12 Page - STMicroelectronics

部品番号 STHDLS101A
部品情報  Enhanced AC coupled HDMI level shifter with configurable HPD output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101A データシート(HTML) 12 Page - STMicroelectronics

Back Button STHDLS101A Datasheet HTML 8Page - STMicroelectronics STHDLS101A Datasheet HTML 9Page - STMicroelectronics STHDLS101A Datasheet HTML 10Page - STMicroelectronics STHDLS101A Datasheet HTML 11Page - STMicroelectronics STHDLS101A Datasheet HTML 12Page - STMicroelectronics STHDLS101A Datasheet HTML 13Page - STMicroelectronics STHDLS101A Datasheet HTML 14Page - STMicroelectronics STHDLS101A Datasheet HTML 15Page - STMicroelectronics STHDLS101A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Functional description
STHDLS101A
12/24
Doc ID 15756 Rev 1
Table 4.
OE_N function
OE_N
IN_Dx
OUT_Dx
(TMDS outputs)
Notes
De-asserted
(high level)
High-Z
High-Z
Device disabled.
Low power state.
Internal bias currents are
disabled.
Asserted or
unconnected
(low level)
50
Ω termination
Enabled
Level shifting mode
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24