データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8519KETTR-R データシート(PDF) 25 Page - Allegro MicroSystems

部品番号 A8519KETTR-R
部品情報  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R データシート(HTML) 25 Page - Allegro MicroSystems

Back Button A8519KETTR-R Datasheet HTML 21Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 22Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 23Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 24Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 25Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 26Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 27Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 28Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 29Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
25
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Fault Protection During Operation
The A8519 series devices constantly monitor the state of the
system to determine if any fault conditions occur during normal
operation. The response to a triggered fault condition is sum-
marized in the table below. There are several points at which the
A8519 monitors for faults during operation. The locations are
input current, switch current, output voltage, switch voltage, and
LED pins. (Note: Some protection features might not be active
during startup to prevent false triggering of fault conditions.)
The detectable fault conditions are:
•
Open LED pin
•
Shorted LED pin to GND
•
Open or shorted inductor
•
Open or shorted boost diode
•
Shorted inductor
•
VOUT short to GND
•
SW pin shorted to GND
•
ISET pin shorted to GND
•
Input disconnect switch source shorted to GND
Note: Some faults will not be protected if the input disconnect
switch is not used. An example of this is VOUT short to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35