データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OA1MPA データシート(PDF) 20 Page - STMicroelectronics

部品番号 OA1MPA
部品情報  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1MPA データシート(HTML) 20 Page - STMicroelectronics

Back Button OA1MPA Datasheet HTML 16Page - STMicroelectronics OA1MPA Datasheet HTML 17Page - STMicroelectronics OA1MPA Datasheet HTML 18Page - STMicroelectronics OA1MPA Datasheet HTML 19Page - STMicroelectronics OA1MPA Datasheet HTML 20Page - STMicroelectronics OA1MPA Datasheet HTML 21Page - STMicroelectronics OA1MPA Datasheet HTML 22Page - STMicroelectronics OA1MPA Datasheet HTML 23Page - STMicroelectronics OA1MPA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Application information
OA1MPA, OA2MPA, OA4MPA
20/28
DocID025992 Rev 1
4.8
Macromodel
Accurate macromodels of the OA1MPA, OA2MPA, and OA4MPA devices are available on
the STMicroelectronics’ website at www.st.com. These model are a trade-off between
accuracy and complexity (that is, time simulation) of the OA1MPA, OA2MPA, and OA4MPA
op amp. They emulate the nominal performance of a typical device within the specified
operating conditions mentioned in the datasheet. They also help to validate a design
approach and to select the right op amp, but they do not replace on-board measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28