| データシートサーチシステム |
|
MAS7838S データシート(PDF) 6 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS7838S データシート(HTML) 6 Page - Micro Analog systems |
|
6 / 9 page ![]() DA7838.002 20 September, 2000 6 (9) $33/,&$7,21 ,1)250$7,21 u 6\QFKURQRXV VHULDO LQWHUIDFHZLWK X3LQWHUIDFH Another application is a synchronous serial interface for uP which uses UART as a data source. The concept is illustrated below. u 'DWDPXOWLSOH[HU A third application is a data multiplexing/demultiplexing system. The system accepts data from several sources. These data lines are sampled and the samples are sent through a multiplexer to a demultiplexer. To accomplish this, either a very high sample rate is needed or first convert the data to synchronous mode, where synchronous multiplexing can be used and only one sample per data bit is needed. MAS7838 TDI RDO uP INTERFACE RS232C MODEM CIRCUITS PHONE LINE TDO TXC RDI RXC Sync Modem Data Pump M AS7838 M AS7838 1 1 2 2 N N TDI RDO M AS7838 M AS7838 TDI RDO TDO TDO RDI RDI FORWARD BACKWARD MUX/ DEMUX MUX/ DEMUX TIMING CH 1 CH 2 CH N |