| データシートサーチシステム |
|
NTE1060 データシート(PDF) 1 Page - NTE Electronics |
|
|
|||||||||||||||||||||||||||||
NTE1060 データシート(HTML) 1 Page - NTE Electronics |
|
1 / 2 page ![]() NTE1060 Integrated Circuit AM–RF Amp, Mix/OSC, FM–AM IF Amp Description: The NTE1060 is an integrated circuit designed for FM/AM radio receiver applications. The AM section consists of an AM–RF amplifier, a frequency converter and an IF amplifier circuit. The FM section has an IF amplifier circuit. Features: D Improved Stability because the FM and AM Sections are Separated. D Ceramic Filters can be Connected to the AM & FM Circuits. D A High Gain RF Amplifier in the AM Section. Absolute Maximum Ratings: (TA = +25°C unless otherwise specified) Supply Voltage, VCC 9.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Collector Breakdown Voltage, VCEX 16V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total Current Consumption, Itot 40mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total Power Dissipation, PT 400mW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Ambient Temperature Range, Topr –20 ° to +75°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg –65 ° to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrical Characteristics: (TA = +25°C, VCC = 6V unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Detection Output Voltage AM–IF VO (AM) f = 2MHz, Vi = 40dB, MOD. 400Hz 30% 14.5 30 42 mV Detection Output Voltage FM–IF VO (FM) f = 10.7MHz, Vi = 40dB, MOD. 400Hz 30% 17 40 76 mV Total Current Consumption Itot 6 20 40 mA |
同様の部品番号 - NTE1060 |
|
同様の説明 - NTE1060 |
|
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |