| データシートサーチシステム |
|
MBR20100CT データシート(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
MBR20100CT データシート(HTML) 3 Page - International Rectifier |
|
3 / 7 page ![]() MBR20...CT, MBRB20...CT, MBR20...CT-1 Bulletin PD-2.321 rev. I 08/02 3 www.irf.com Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics (Per Leg) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg) 0.00 0 1 0.0 01 0.01 0.1 1 10 10 0 02 0 4 0 60 80 1 0 0 R 125 C 100 C 75 C 50 C 25 C Re ve rse Volta g e - V (V ) T = 15 0 C J 10 100 1 000 020 4 0 6 0 8 0 10 0 R Re ve rse V oltag e - V (V ) T = 25 C J 0.0 1 0.1 1 10 0.0 00 0 1 0.0 00 1 0 .0 0 1 0.0 1 0.1 1 10 t , R e cta n g ula r P u lse D ura tio n (Seco nd s) Sin g le Pu lse (The rm a l R e sista n c e) 1 Notes: 1. D uty fa c tor D = t / t 2. Pea k T = P x Z + T 1 2 J thJ C C DM D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0 .2 0 2 t 1 t P DM 1 10 10 0 0 .20 .4 0.60.8 1 1 .2 1 .41.6 1.8 FM T = 15 0 C T = 12 5 C T = 2 5 C J J J Forw a rd V olta g e D rop - V (V ) |