| データシートサーチシステム |
|
AXLH152P040ED データシート(PDF) 3 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
AXLH152P040ED データシート(HTML) 3 Page - Cornell Dubilier Electronics |
|
3 / 5 page ![]() Ratings Rated Capacitance 100Hz/+20°C Capacitance Tolerance VDC Cornell Dubilier Part Number Case Size D x L Max. ESR 100 Hz/+20°C Max. ESR 100 kHz/+20°C Rated Ripple Current ≥ 5kHz/+125°C Maximum Ripple Current ≥ 5kHz/+125°C (µF) (%) (mm) (mΩ) (mΩ) (A) (A) 2200 -10/+30 25 AXLH222P025ED 20 x 27 50 25 7.1 9.1 3300 -10/+30 25 AXLH332P025EH 20 x 35 34 17 8.9 11.3 4700 -10/+30 25 AXLH472P025EL 20 x 43 25 13 10.3 13.1 1500 -10/+30 40 AXLH152P040ED 20 x 27 57 22 7.3 9.3 2200 -10/+30 40 AXLH222P040EH 20 x 35 41 17 8.9 11.2 2700 -10/+30 40 AXLH272P040EL 20 x 43 32 13 10.1 12.8 470 -10/+30 63 AXLH471P063ED 20 x 27 125 32 5.5 7.0 680 -10/+30 63 AXLH681P063EH 20 x 35 87 23 6.9 8.7 900 -10/+30 63 AXLH901P063EL 20 x 43 67 18 8.1 10.2 Type AXLH -40 ºC to +150 ºC High Temperature Axial Leaded Aluminum Electrolytic Capacitors Outline Drawings & Dimensions Table Size Code Dimensions in mm Approximate Weight (grams) D L d LL ± 0.5 ± 1 ± 0.03 ±2 ED 20 26.5 1 40 13 EH 20 34.5 1 40 20 EL 20 42.5 1 40 24 Note: Bend leads at least 3.5 mm from the case. CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 |