| データシートサーチシステム |
|
715P10398L データシート(PDF) 6 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
715P10398L データシート(HTML) 6 Page - Cornell Dubilier Electronics |
|
6 / 15 page ![]() Type 715P Standard Sizes/Ratings1 Value, µF Part Number2 L MAX DIA MAX H MAX Value, µF Part Number L MAX DIA MAX H MAX 600 VDC / 2 00 VAC* .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .15 .18 .22 715P10296J 715P12296J 715P15296J 715P18296J 715P22296J 715P27296J 715P33296J 715P39296J 715P47296J 715P56296J 715P68296J 715P82296K 715P10396K 715P12396K 715P15396K 715P18396K 715P22396K 715P27396L 715P33396L 715P39396L 715P47396L 715P56396L 715P68396L 715P82396L 715P10496L 715P12496M 715P15496M 715P18496M 715P22496M .70 .70 .70 .70 .70 .70 .70 .70 .70 .70 .70 .90 .90 .90 .90 .90 .90 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) .35 .36 .32 .34 .33 .35 .32 .34 .34 .36 .38 .34 .36 .38 .42 .44 .48 .43 .46 .49 .52 .56 .60 .65 .71 .65 .71 .77 .83 (8.9) (9.1) (8.1) (8.6) (8.4) (8.9) (8.1) (8.6) (8.6) (9.1) (9.7) (8.6) (9.1) (9.7) (10.7) (11.2) (12.2) (10.2) (11.7) (12.4) (13.2) (14.2) (15.2) (16.5) (18.0) (16.5) (18.0) (19.6) (21.1) .39 .40 .36 .38 .37 .39 .36 .38 .38 .40 .42 .38 .40 .42 .46 .48 .52 .47 .50 .53 .56 .60 .64 .69 .75 .69 .75 .81 .85 (9.9) (10.2) (9.1) (9.7) (9.4) (9.9) (9.1) (9.7) (9.7) (10.2) (10.7) (9.7) (10.2) (10.7) (11.7) (12.2) (13.2) (11.9) (12.7) (13.5) (14.2) (15.2) (16.3) (17.5) (19.2) (17.5) (19.1) (20.6) (21.6) 800 VDC / 450 VAC* .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 715P56298L 715P68298L 715P82298L 715P10398L 715P12398L 715P15398L 715P18398L 715P22398L 715P27398L 715P33398L 715P39398M 715P47398M 715P56398M 715P68398M 715P82398M 715P10498M 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) (41.9) (41.9) .28 .29 .31 .33 .35 .38 .41 .44 .47 .51 .47 .50 .53 .58 .62 .67 (71) (7.4) (7.9) (8.4) (8.9) (9.7) (10.4) (11.2) (11.9) (13.0) (11.9) (12.7) (13.5) (14.7) (15.7) (17.0) .34 .35 .37 .39 .41 .44 .47 .50 .53 .57 .53 .56 .59 .64 .68 .73 (8.6) (8.9) (9.4) (9.9) (10.4) (11.2) (11.9) (12.7) (13.5) (14.5) (13.5) (14.2) (15.0) (16.3) (17.3) (18.5) 1000 VDC / 4 50 VAC* .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 715P562910L 715P682910L 715P822910L 715P103910L 715P123910L 715P153910L 715P183910L 715P223910L 715P273910L 715P333910L 715P393910M 715P473910M 715P563910M 715P683910M 715P823910M 715P104910M 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) (41.9) (41.9) .28 .29 .31 .33 .35 .38 .41 .44 .47 .51 .47 .50 .53 .58 .62 .67 (7.1) (7.4) (7.9) (8.4) (8.9) (9.7) (10.4) (11.2) (11.9) (13.0) (11.9) (12.7) (13.5) (14.7) (15.7) (17.0) .34 .35 .37 .39 .41 .44 .47 .50 .53 .57 .53 .56 .59 .64 .68 .73 (8.6) (8.9) (9.4) (3.9) (10.4) (11.2) (11.9) (12.7) (13.5) (14.5) (13.5) 14.2) (15.0) (16.3) (17.3) (18.5) 1200 VDC / 475 VAC* .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 715P102912L 715P122912L 715P152912L 715P182912L 715P222912L 715P272912L 715P332912L 715P392912L 715P472912L 715P562912L 715P682912L 715P822912L 715P103912L 715P123912L 715P153912L 715P183912M 715P223912M 715P273912M 715P333912M 715P393912M 715P473912M 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) (41.9) (41.9) .29 .30 .32 .34 .35 .38 .32 .34 .36 .38 .41 .44 .47 .51 .55 .50 .54 .59 .64 .68 .74 (7.4) (7.6) (8.1) (8.6) (8.9) (9.7) (8.1) (8.6) (9.1) (9.7) (10.4) (11.2) (11.9) (13.0) (14.0) (12.7) (13.7) (15.0) (16.3) (17.3) (18.8) .33 .34 .36 .38 .39 .42 .38 .40 .42 .44 .47 .50 .53 .57 .61 .56 .60 .65 .70 .74 .80 (8.4) (8.6) (9.1) (9.7) (9.9) (10.7) (9.7) (10.2) (10.7) (11.2) (11.9) (12.7) (13.5) (14.5) (15.5) (14.2) (15.2) (16.5) (17.8) (18.8) (20.3) 1 Shaded part numbers, when ordered as ±5% tolerance with D3 leads, are standard stock Items available through the CDE Distribution Network. For complete part number add letter and number for terminal style and lead length in accordance with Ordering Information, (i.e. 715P10452LD3) 2 To complete part number for proper tolerance, terminal style and lead length please refer to Ordering/Part Number Information page. * Please refer to performance curves for RMS Voltage vs. Frequency characteristics. Dimensions in inches, metric (mm) in parenthesis. CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors |