データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OA1ZHA データシート(PDF) 3 Page - STMicroelectronics

部品番号 OA1ZHA
部品情報  Fitness and healthcare
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1ZHA データシート(HTML) 3 Page - STMicroelectronics

  OA1ZHA Datasheet HTML 1Page - STMicroelectronics OA1ZHA Datasheet HTML 2Page - STMicroelectronics OA1ZHA Datasheet HTML 3Page - STMicroelectronics OA1ZHA Datasheet HTML 4Page - STMicroelectronics OA1ZHA Datasheet HTML 5Page - STMicroelectronics OA1ZHA Datasheet HTML 6Page - STMicroelectronics OA1ZHA Datasheet HTML 7Page - STMicroelectronics OA1ZHA Datasheet HTML 8Page - STMicroelectronics OA1ZHA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
OA1ZHA, OA2ZHA, OA4ZHA
Package pin connections
DocID025994 Rev 2
3/35
1
Package pin connections
Figure 1: Pin connections for each package (top view)
1.
The exposed pads of the DFN8 2x2 and the QFN16 3x3 can be connected to VCC- or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35