データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE812A データシート(PDF) 27 Page - STMicroelectronics

部品番号 STMPE812A
部品情報  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A データシート(HTML) 27 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 23Page - STMicroelectronics STMPE812A Datasheet HTML 24Page - STMicroelectronics STMPE812A Datasheet HTML 25Page - STMicroelectronics STMPE812A Datasheet HTML 26Page - STMicroelectronics STMPE812A Datasheet HTML 27Page - STMicroelectronics STMPE812A Datasheet HTML 28Page - STMicroelectronics STMPE812A Datasheet HTML 29Page - STMicroelectronics STMPE812A Datasheet HTML 30Page - STMicroelectronics STMPE812A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
STMPE812A
ADC controller
Doc ID 18225 Rev 4
27/53
ADC data
ADC data register
Address:
0x21-0x22
Type:
R
Reset:
0x0000
Address:
ADC data register.
Note:
When the I2C master accesses the data register, upper/lower byte consistency must be
guaranteed (once access starts, content will only be updated after BOTH bytes has been
read, OR I2C master accesses other register address):
- 0x21 is LSB
- 0x22 is MSB
7654
3
2
1
0
ADC_DATA_7 ADC_DATA_6 ADC_DATA_5 ADC_DATA_4 ADC_DATA_3
ADC_DATA_2
ADC_DATA_1
ADC_DATA_0
0000
0
0
0
0
[7:0] ADC_DATAx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53