データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STOD03ASTPUR データシート(PDF) 20 Page - STMicroelectronics

部品番号 STOD03ASTPUR
部品情報  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ASTPUR データシート(HTML) 20 Page - STMicroelectronics

Back Button STOD03ASTPUR Datasheet HTML 16Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 17Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 18Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 19Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 20Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 21Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 22Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 23Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Detailed description
STOD03AS
20/25
DocID022614 Rev 2
8.1.10
Fast discharge
When ENABLE turns from high to low level, the device goes into shutdown mode and LX1
and LX2 stop switching. Then, the discharge switch between VMID and VIN and the switch
between VO2 and GND turn on and discharge the positive output voltage and negative
output voltage. When the output voltages are discharged to 0 V, the switches turn off and
the outputs are high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25