データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STOD03B データシート(PDF) 11 Page - STMicroelectronics

部品番号 STOD03B
部品情報  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03B データシート(HTML) 11 Page - STMicroelectronics

Back Button STOD03B Datasheet HTML 7Page - STMicroelectronics STOD03B Datasheet HTML 8Page - STMicroelectronics STOD03B Datasheet HTML 9Page - STMicroelectronics STOD03B Datasheet HTML 10Page - STMicroelectronics STOD03B Datasheet HTML 11Page - STMicroelectronics STOD03B Datasheet HTML 12Page - STMicroelectronics STOD03B Datasheet HTML 13Page - STMicroelectronics STOD03B Datasheet HTML 14Page - STMicroelectronics STOD03B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
STOD03B
Detailed description
Doc ID 022613 Rev 1
11/22
6.2
Negative output voltage levels
6.3
Enable and SWIRE
Table 7.
Default output voltage
Pulse
VO2
Pulse
VO2
Pulse
VO2
1
-5.411
-4.421-3.4
2
-5.312
-4.322-3.3
3
-5.213
-4.223-3.2
4
-5.114
-4.124-3.1
5
-5.015
-4.025-3.0
6 (1)
-4.9
16
-3.9
26
-2.9
7
-4.817
-3.827-2.8
8
-4.718
-3.728-2.7
9
-4.619
-3.629-2.6
10
-4.5
20
-3.5
30
-2.5
31
-2.4
1.
Default value.
Table 8.
EN and SWIRE operation table
(1)
Enable
SWIRE
Action
Low
Low
Device off
Low
High
Negative output voltage set by SWIRE
High
Low
Default negative output voltage
High
High
Default negative output voltage
1.
The Enable pin must be set to AGND while using the SWIRE function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22