データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STOD13AS データシート(PDF) 16 Page - STMicroelectronics

部品番号 STOD13AS
部品情報  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AS データシート(HTML) 16 Page - STMicroelectronics

Back Button STOD13AS Datasheet HTML 12Page - STMicroelectronics STOD13AS Datasheet HTML 13Page - STMicroelectronics STOD13AS Datasheet HTML 14Page - STMicroelectronics STOD13AS Datasheet HTML 15Page - STMicroelectronics STOD13AS Datasheet HTML 16Page - STMicroelectronics STOD13AS Datasheet HTML 17Page - STMicroelectronics STOD13AS Datasheet HTML 18Page - STMicroelectronics STOD13AS Datasheet HTML 19Page - STMicroelectronics STOD13AS Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Application information
STOD13AS
16/25
Doc ID 022733 Rev 1
7.2
Recommended PCB layout
The STOD13AS is a high frequency power switching device and therefore requires a proper
PCB layout in order to obtain the necessary stability and optimize line/load regulation and
output voltage ripple.
Analog input (VINA) and power input (VINP) must be kept separated and connected together
at the CIN pad only. The input capacitor must be as close as possible to the IC.
In order to minimize the ground noise, a common ground node for power ground and a
different one for analog ground must be used. In the recommended layout, the AGND node
is placed close to CREF ground while the PGND node is centered at CIN ground. They are
connected by a separated layer routing on the bottom through vias.
The exposed pad is connected to AGND through vias.
Figure 12.
Top layer and silk-screen (top view, not to scale)
Figure 13.
Bottom layer and silk-screen (top view, not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25