データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STOD1317B データシート(PDF) 13 Page - STMicroelectronics

部品番号 STOD1317B
部品情報  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317B データシート(HTML) 13 Page - STMicroelectronics

Back Button STOD1317B Datasheet HTML 9Page - STMicroelectronics STOD1317B Datasheet HTML 10Page - STMicroelectronics STOD1317B Datasheet HTML 11Page - STMicroelectronics STOD1317B Datasheet HTML 12Page - STMicroelectronics STOD1317B Datasheet HTML 13Page - STMicroelectronics STOD1317B Datasheet HTML 14Page - STMicroelectronics STOD1317B Datasheet HTML 15Page - STMicroelectronics STOD1317B Datasheet HTML 16Page - STMicroelectronics STOD1317B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID022607 Rev 2
13/22
STOD1317B
Detailed description
Figure 11. Digital low power function
Operation
– (*) When the power IC is disabled, in order to disconnect leakage current through the
feedback node, the S/W function is active.
– (**) A new EN transition from low to high and/or device power-up turn off the DLP
function and allow IC to work under typical conditions.
Charge Pump
SW
Enable
DDVDH(6V)
VPNL
GPIO2
GPIO1
EN
EN
FB
SW
Disable
Disable
**
Disable
S/D
*
D-IC
Enable/Disable
Refer to next page
VDDEL
DCDC
Leakage
Pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22