| データシートサーチシステム |
|
STPA008-QIX データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPA008-QIX データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 29 page ![]() DocID027887 Rev 2 9/29 STPA008 Pin description 28 2.2 Pin functions Table 2. Pin functions Pin number FW27 Pin number FW25 Pin name Description 1 1 TAB Device slug connection 2 25 OD Offset detector output 3 2 PW-GND2 Channel 2, power ground 4 3 OUT2- Channel 2, negative output 5 4 ST-BY Stand-by 6 5 OUT2+ Channel 2, positive output 7 6 VCC Supply voltage 8 7 OUT1- Channel 1, negative output 9 8 PW-GND1 Channel 1, power ground 10 9 OUT1+ Channel 1, positive output 11 10 SVR Supply voltage rejection pin 12 11 IN1 Channel 1, input 13 12 IN2 Channel 2, input 14 13 S-GND Signal ground 15 14 IN4 Channel 4, input 16 15 IN3 Channel 3, input 17 16 AC-GND AC ground 18 17 OUT3+ Channel 3, positive output 19 18 PW-GND3 Channel 3, power ground 20 19 OUT3- Channel 3, negative output 21 20 VCC Supply voltage 22 21 OUT4+ Channel 4, positive output 23 22 MUTE Mute pin 24 23 OUT4- Channel 4, negative output 25 24 PW-GND4 Channel 4, power ground 26 n.a CD-DIAG Clipping detector and diagnostics output 27 n.a TAB Device slug connection |