データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPMS2 データシート(PDF) 16 Page - STMicroelectronics

部品番号 STPMS2
部品情報  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 データシート(HTML) 16 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 12Page - STMicroelectronics STPMS2 Datasheet HTML 13Page - STMicroelectronics STPMS2 Datasheet HTML 14Page - STMicroelectronics STPMS2 Datasheet HTML 15Page - STMicroelectronics STPMS2 Datasheet HTML 16Page - STMicroelectronics STPMS2 Datasheet HTML 17Page - STMicroelectronics STPMS2 Datasheet HTML 18Page - STMicroelectronics STPMS2 Datasheet HTML 19Page - STMicroelectronics STPMS2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Terminology
STPMS2
16/36
DocID16525 Rev 5
7
Terminology
7.1
Conventions
The lowest analog and digital power supply voltage is called GND, which represents the
system ground. All voltage specifications for digital input/output pins are referred to GND.
The highest power supply voltage is called VCC. The highest core power supply is internally
generated and is called VDD. Positive currents flow into a pin. Sinking current means that
the current flows into the pin and thus it is positive. Sourcing current means that the current
flows out of the pin and thus it is negative. A positive logic convention is used in all
equations.
7.2
Notations
Output bit streams of the modulator are indicated as bsV and bsC for voltage and current
channels, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36