| データシートサーチシステム |
|
MP7611CE データシート(PDF) 7 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
MP7611CE データシート(HTML) 7 Page - Exar Corporation |
|
7 / 16 page ![]() MP7611 Rev. 3.01 7 Data Input/Output Bus Address A0-A2 Chip Select CS Load Latch A LD1 Load Latch B LD2 1 0 1 0 1 0 1 0 1 0 +FS --FS Analog Output tDS tDH tAS tAH tCH1 tCS1 tLD1W tLD1LD2 tLD2W tSD don’t care don’t care Notes: (1) Chip Select (CS) and Load LATCHA (LD1) Signals follow the same timing constraints and are interchangeable in the above diagram. (2) R1 = R2 = 1. (3) For the case where LD2 is in the low state, analog output would respond to the falling edge of LD1 (transparent mode). Address A0-A2 Chip Select CS Data Readback RD Digital Output Data D0 to D113 don’t care tAS tAH tCS2 tRD tCH2 don’t care HIGH-Z HIGH-Z tDR tDA 1 0 1 0 1 0 1 0 Notes: (1) Chip Select (CS) and Data Readback (RD) Signals follow the same timing constraints and are interchangeable in the above diagram. (2) R1 = R2 = 1. R1 R2 Reset first latch bank to 1000 . . . . .0000 tR1W tR2W Reset second latch bank to 1000 . . . . .0000 and analog output to zero volt. 1 0 1 0 Figure 1. Loading Latch A and Updating Latch B Figure 2. Read Back First Latch Bank of One DAC Figure 3. Reset Operations |