データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS11P2TLR データシート(PDF) 10 Page - STMicroelectronics

部品番号 AS11P2TLR
部品情報  Low voltage 1 Ω single-pole double-throw analog switch with break before make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS11P2TLR データシート(HTML) 10 Page - STMicroelectronics

Back Button AS11P2TLR Datasheet HTML 6Page - STMicroelectronics AS11P2TLR Datasheet HTML 7Page - STMicroelectronics AS11P2TLR Datasheet HTML 8Page - STMicroelectronics AS11P2TLR Datasheet HTML 9Page - STMicroelectronics AS11P2TLR Datasheet HTML 10Page - STMicroelectronics AS11P2TLR Datasheet HTML 11Page - STMicroelectronics AS11P2TLR Datasheet HTML 12Page - STMicroelectronics AS11P2TLR Datasheet HTML 13Page - STMicroelectronics AS11P2TLR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Test circuits
AS11P2TLR
10/18
DocID026034 Rev 1
Figure 7. OFF isolation
Figure 8. Test circuit
1. C
L = 5/35 pF or equivalent: (includes jig capacitance).
2. R
L = 50or equivalent.
3. R
T = Z
OUT of pulse generator (typically 50 ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18