データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS21P2THB データシート(PDF) 5 Page - STMicroelectronics

部品番号 AS21P2THB
部品情報  Low voltage high bandwidth dual single-pole double-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2THB データシート(HTML) 5 Page - STMicroelectronics

  AS21P2THB Datasheet HTML 1Page - STMicroelectronics AS21P2THB Datasheet HTML 2Page - STMicroelectronics AS21P2THB Datasheet HTML 3Page - STMicroelectronics AS21P2THB Datasheet HTML 4Page - STMicroelectronics AS21P2THB Datasheet HTML 5Page - STMicroelectronics AS21P2THB Datasheet HTML 6Page - STMicroelectronics AS21P2THB Datasheet HTML 7Page - STMicroelectronics AS21P2THB Datasheet HTML 8Page - STMicroelectronics AS21P2THB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID026023 Rev 1
5/23
AS21P2THB
Dedicated port charging detection
23
3
Dedicated port charging detection
The AS21P2THB has a built-in dedicated port charging detection circuit to detect the
condition when the USB D+/D- lines are both in high state. When this occurs, the device
sends an interrupt signal to the processor to indicate that the connected USB device is in
dedicated port charging mode.
Figure 4. Interrupt function logic representation
D1
D2
1S1
1S2
2S1
2S2
SEL
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23