| データシートサーチシステム |
|
DPIULC6 データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
DPIULC6 データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 9 page ![]() DPIULC6 Package information Doc ID 16831 Rev 2 7/9 4 Package information ● Epoxy meets UL94, V0 ● Lead-free package In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 12. DFN 5x6 package dimension definitions Table 4. DFN 5x6 package dimension values Ref. Millimetres Inches Min. Typ. Max. Min. Typ. Max. A 0.80 0.90 1.0 0.031 0.035 0.039 A1 0.00 0.02 0.05 0.000 0.001 0.002 b 0.18 0.25 0.30 0.007 0.010 0.012 D 5.90 6.00 6.10 0.232 0.236 0.240 D2 4.00 4.15 4.25 0.157 0.163 0.167 e- 0.5 - - 0.020 - E 4.90 5.00 5.10 0.193 0.197 0.201 E2 3.00 3.15 3.25 0.118 0.124 0.128 L 0.45 0.55 0.65 0.020 0.022 0.025 b e L E D A A1 E2 D2 19 10 18 Seating plane |