データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NAND512R3A0AV1 データシート(PDF) 39 Page - STMicroelectronics

部品番号 NAND512R3A0AV1
部品情報  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A0AV1 データシート(HTML) 39 Page - STMicroelectronics

Back Button NAND512R3A0AV1 Datasheet HTML 35Page - STMicroelectronics NAND512R3A0AV1 Datasheet HTML 36Page - STMicroelectronics NAND512R3A0AV1 Datasheet HTML 37Page - STMicroelectronics NAND512R3A0AV1 Datasheet HTML 38Page - STMicroelectronics NAND512R3A0AV1 Datasheet HTML 39Page - STMicroelectronics NAND512R3A0AV1 Datasheet HTML 40Page - STMicroelectronics NAND512R3A0AV1 Datasheet HTML 41Page - STMicroelectronics NAND512R3A0AV1 Datasheet HTML 42Page - STMicroelectronics NAND512R3A0AV1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
39/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
Figure 23. Command Latch AC Waveforms
Figure 24. Address Latch AC Waveforms
Note: Address cycle 4 is only required for 512Mb and 1Gb devices.
ai08028
CL
E
W
AL
I/O
tCLHWL
tELWL
tWHCLL
tWHEH
tWLWH
tALLWL
tWHALH
Command
tDVWH
tWHDX
(CL Setup time)
(CL Hold time)
(Data Setup time)
(Data Hold time)
(ALSetup time)
(AL Hold time)
(E Setup time)
(E Hold time)
ai08029
CL
E
W
AL
I/O
tWLWH
tELWL
tWLWL
tCLLWL
tWHWL
tALHWL
tDVWH
tWLWL
tWLWL
tWLWH
tWLWH
tWLWH
tWHWL
tWHWL
tWHDX
tWHALL
tDVWH
tWHDX
tDVWH
tWHDX
tDVWH
tWHDX
tWHALL
Adrress
cycle 1
tWHALL
(AL Setup time)
(AL Hold time)
Adrress
cycle 4
Adrress
cycle 3
Adrress
cycle 2
(CL Setup time)
(Data Setup time)
(Data Hold time)
(E Setup time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57