| データシートサーチシステム |
|
ESDA25SC6Y データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ESDA25SC6Y データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 15 page ![]() DocID028400 Rev 1 7/15 ESDAxxSCxY Package information 15 3 Package information • Epoxy meets UL94, V0 • Lead-free packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. |