| データシートサーチシステム |
|
L9658 データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9658 データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 64 page ![]() L9658 Functional description Doc ID 14219 Rev 3 27/64 4.10.2 Continuity diagnostic A continuity diagnostic includes a short to battery, a short to ground and an open circuit diagnostics. During a continuity diagnostic, IBIAS is switched on. On a normal loading condition, SQH voltage is below SBTH threshold and SQL voltage will be above SGTH threshold. Figure 14. Continuity diagnostic flow chart 4.10.3 Short to battery A short to battery condition will be detected when the voltage on SQH is greater than SBTH threshold voltage. 4.10.4 Short to ground and open circuit A short to ground or an open circuit conditions are detected when the voltage on SQL is less than SGTH threshold voltage. A resistance measurement is utilized to differentiate between a short to ground or an open circuit conditions. BEGIN SQH > SB th during t FLT_DLY END SPI Command: Connect I BIAS SQL < SG th during t FLT_DLY Clear SBth and SGth bits Disconnect I BIAS Y SPI Response: Send SBth and SGth bits Set SPI.Diag.SB TH Set SPI.Diag.SG TH SPI Command: Disconnect I BIAS N Y t FLT_DLY= 20μ s N Note: SPI Transmission and SPI Command can be sent in the same CS_D. SPI Transmission Y Y Clear SPI.Diag.SG TH Clear SPI.Diag.SB TH N SQH < SB th during t FLT_DLY N SQL > SG th during t FLT_DLY Y Y N |