データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NAND512R3A0AV6 データシート(PDF) 55 Page - STMicroelectronics

部品番号 NAND512R3A0AV6
部品情報  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A0AV6 データシート(HTML) 55 Page - STMicroelectronics

Back Button NAND512R3A0AV6 Datasheet HTML 49Page - STMicroelectronics NAND512R3A0AV6 Datasheet HTML 50Page - STMicroelectronics NAND512R3A0AV6 Datasheet HTML 51Page - STMicroelectronics NAND512R3A0AV6 Datasheet HTML 52Page - STMicroelectronics NAND512R3A0AV6 Datasheet HTML 53Page - STMicroelectronics NAND512R3A0AV6 Datasheet HTML 54Page - STMicroelectronics NAND512R3A0AV6 Datasheet HTML 55Page - STMicroelectronics NAND512R3A0AV6 Datasheet HTML 56Page - STMicroelectronics NAND512R3A0AV6 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
55/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
Figure 44. Connection to Microcontroller, With Glue Logic
Figure 45. Building Storage Modules
RELATED DOCUMENTATION
STMicroelectronics has published a set of application notes to support the NAND Flash memories. They
are available from the ST Website
www.st.com. or from your local ST Distributor.
AI07589
R
W
I/O
E
AL
CL
CLK
D2
D1
D0
Q0
Q1
Q2
W
G
CSn
A3
A0
A1
A2
Microcontroller
NAND Flash
DQ
D flip-flop
AI08331
W
NAND Flash
Device 1
G
E1
CL
AL
NAND Flash
Device 3
NAND Flash
Device 2
NAND Flash
Device n+1
NAND Flash
Device n
E2
E3
En
En+1
I/O0-I/O7 or
I/O0-I/O15
RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57