データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM802RDS6E データシート(PDF) 20 Page - STMicroelectronics

部品番号 STM802RDS6E
部品情報  3V Supervisor with Battery Switchover
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802RDS6E データシート(HTML) 20 Page - STMicroelectronics

Back Button STM802RDS6E Datasheet HTML 16Page - STMicroelectronics STM802RDS6E Datasheet HTML 17Page - STMicroelectronics STM802RDS6E Datasheet HTML 18Page - STMicroelectronics STM802RDS6E Datasheet HTML 19Page - STMicroelectronics STM802RDS6E Datasheet HTML 20Page - STMicroelectronics STM802RDS6E Datasheet HTML 21Page - STMicroelectronics STM802RDS6E Datasheet HTML 22Page - STMicroelectronics STM802RDS6E Datasheet HTML 23Page - STMicroelectronics STM802RDS6E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
STM690/704/795/802/804/805/806
20/31
Figure 32. Maximum Transient Duration vs. Reset Threshold Overdrive
Figure 33. E to ECON Propagation Delay vs. Temperature
0
50
100
150
200
250
1
10
100
1000
10000
RESET COMPARATOR OVERDRIVE, VRST – VCC [mV]
AI09156
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE [
°C]
E Falling
E Rising
AI09157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31