| データシートサーチシステム |
|
SH82IY データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SH82IY データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 23 page ![]() TSH80-TSH81-TSH82 Absolute Maximum Ratings 3/23 1 Absolute Maximum Ratings Table 1. Key parameters and their absolute maximum ratings Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply Voltage (1) 1. All voltage values, except differential voltage are with respect to network ground terminal 14 V Vid Differential Input Voltage (2) 2. Differential voltages are non-inverting input terminal with respect to the inverting terminal ±2V Vi Input Voltage (3) 3. The magnitude of input and output must never exceed VCC +0.3V ±6V Toper Operating Free Air Temperature Range -40 to +85 °C Tstg Storage Temperature -65 to +150 °C Tj Maximum Junction Temperature 150 °C Rthjc Thermal resistance junction to case (4) SOT23-5 SO8 TSSOPO8 4. Short-circuits can cause excessive heating 80 28 37 °C/W Rthja Thermal resistance junction to ambient area SOT23-5 SO8 TSSOPO8 250 157 130 °C/W ESD Human Body Model 2 kV Symbol Parameter Value Unit VCC Supply Voltage 4.5 to 12 V VIC Common Mode Input Voltage Range VCC - to (V CC + -1.1) V Standby (VCC -) to (V CC +) V |