データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q48SK12448NNFB データシート(PDF) 2 Page - Delta Electronics, Inc.

部品番号 Q48SK12448NNFB
部品情報  600W DC/DC Power Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DELTA [Delta Electronics, Inc.]
ホームページ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SK12448NNFB データシート(HTML) 2 Page - Delta Electronics, Inc.

  Q48SK12448NNFB Datasheet HTML 1Page - Delta Electronics, Inc. Q48SK12448NNFB Datasheet HTML 2Page - Delta Electronics, Inc. Q48SK12448NNFB Datasheet HTML 3Page - Delta Electronics, Inc. Q48SK12448NNFB Datasheet HTML 4Page - Delta Electronics, Inc. Q48SK12448NNFB Datasheet HTML 5Page - Delta Electronics, Inc. Q48SK12448NNFB Datasheet HTML 6Page - Delta Electronics, Inc. Q48SK12448NNFB Datasheet HTML 7Page - Delta Electronics, Inc. Q48SK12448NNFB Datasheet HTML 8Page - Delta Electronics, Inc. Q48SK12448NNFB Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS_Q48SK12448NNFB_10222015
E-mail: dcdc@deltaww.com
http://www.deltaww.com/dcdc
P2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=54Vdc, nominal Vout unless otherwise noted;
PARAMETER
NOTES and CONDITIONS
Q48SK12448NNFB
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
60
Vdc
Operating Ambient temperature
-40
85
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
1500
Vdc
Min time interval between trun off to next
turn on
20
ms
INPUT CHARACTERISTICS
Operating Input Voltage
46
54
60
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
42
44
46
Vdc
Turn-Off Voltage Threshold
40
42
44
Vdc
Lockout Hysteresis Voltage
2
Vdc
Maximum Input Current
50A Load, 46Vin
15
A
Maximum Input Current
800 watts Load for 4ms, 46Vin
19.5
A
No-Load Input Current
Vin=54V, Io=0A
80
160
210
mA
Off Converter Input Current
Vin=54V, Io=0A
7
15
20
mA
Inrush Current (I
2t)
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
250
mA
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=54V, Io=0, Tc=25°C
11.9
12
12.1
Vdc
Output Voltage Regulation
Over Load
Vin=54V, Io=Io min to Io max
30
mV
Over Line
Vin=46V to 60V, Io=Io min
20
mV
Over Temperature
Vin=54V, Tc= min to max case temperatrue
130
mV
Total Output Voltage Range
over sample load, line and temperature
11.4
12.6
Vdc
Output Voltage Ripple and Noise
20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic,10µF tantalum,450uF Oscon
250
350
mV
RMS
Full Load, 1µF ceramic,10µF tantalum,450uF Oscon
20
60
mV
Operating Output Current Range
0
50
A
Operating Output Current Range
800 watts Load for 4ms
0
67
A
Output DC Current-Limit Inception
Output Voltage 10% Low
73
80
87
A
Start afford load time, From On/Off Control
2
s
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
, 1µF ceramic,10µF tantalum,450uF Oscon
0.1A/µs
Positive Step Change in Output Current
50% to 75% of full load
200
350
mV
Negative Step Change in Output Current
75% to 50% of full load
200
350
mV
Settling Time (within 1% Vout nominal)
450
µs
Turn-On Transient
Vin slew rate: 10V/mS
Start-Up Time, From On/Off Control
60
90
120
ms
Start-Up Time, From Input
60
90
120
ms
Maximum Output Capacitance
Low ESR CAP (OSCON), 100% load;
8900
µF
EFFICIENCY
100% Load
Vin=54V
96.2
96.7
%
60% Load
Vin=54V
96.0
96.5
%
ISOLATION CHARACTERISTICS
Input to Output
1500
Vdc
Isolation Resistance
10
Isolation Capacitance
1000
pF
FEATURE CHARACTERISTICS
Switching Frequency
180
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
2
50
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
50
uA
Output Over-Voltage Protection
Over full temp range
14
16
Vdc
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C
2.1
M hours
Weight(with heat spreader)
74.5
grams
Over-Temperature Shutdown (Hot Spot)
Refer to Figure18 for Hot spot location
(54Vin,80%Io, 200LFM,Airflow from Vin+ to Vin-)
125
°C
Over-Temperature Shutdown (NTC Resistor)
130
°C
Note: Please attach thermocouple on NTC resistor to test OTP function, the hot spot’s temperature is just for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com